Part Number Hot Search : 
FC156 ST62E62C CPC1909J K2996 WHE1K0FE JANSR2 02K15FKE CPC1909J
Product Description
Full Text Search
 

To Download DB107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) db dbs .404(10.3) .386(9.80) .255(6.5) .245(6.2) .013(0.33) .0088(0.22) .013(0.33) .003(0.076) .060(1.53) .040(1.02) .205(5.2) .195(5.0) .047(1.20) .040(1.02) .335(8.51) .320(8.13) 0 45 .130(3.30) .120(3.05) features  ideal for printed circuit board  reliable low cost construction utilizing molded plastic technique  high temperature soldering guaranteed: 260 o c / 10 seconds / 0.375? ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension  small size, simple installation  high surge current capability maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% db db db db db db db type number symbol units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t a = 40 o c i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 50 a maximum instantaneous forward voltage @ 1.0a v f 1.1 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 10 500 ua ua typical thermal resistance ( note 1 ) r ja r jl 40 15 o c/w operating temperature range t j -55 to +150 o c storage temperature range t stg -55 to +150 o c notes: 1. thermal resistance from junction to amb ient and from junction to lead mounted on p.c.b. with 0.2? x 0.2? (5mm x 5mm) copper pads. 2. dbs for surface mount package. db101(s) - DB107(s) single phase 1.0 amp. glass passivated bridge rectifiers db db db db db db db 101s 102s 104s 103s 105s 106s 107s 107 106 105 104 103 102 101 http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves fig.2- typical reverse characteristics per bridge element 0 20 40 60 80 100 120 140 100 0.01 0.1 1 10 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=25 c 0 fig.5- typical for w ard characteristics per bridge element inst ant aneous for w ard current . (a) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 for w ard vol t age. (v) fig.4- typical junction cap acit ance per bridge element cap acit ance.(pf) 1 10 100 1 10 100 reverse vol t age. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 fig.1- maximum dera ting cur ve for output rectified current a verage for w ard current . (a) 20 40 60 80 100 120 140 150 0 0.5 1.0 ambient tempera ture. ( c) o 60hz resistive or inductive load inst ant aneous reverse current .( a ) tj=25 c pulse width-300 s 2% duty cycle 0 fig.3- maximum non-repetitive peak for w ard surge current peak for w ard surge current . (a) 1 2 4 6 10 20 100 60 40 0 10 40 60 50 20 30 number of cycles a t 60hz single sine - w ave (jedec method) copper pauls .51" x .51" (13mm x 13mm) .06" (1.5mm) pcb db101 ( s ) - DB107 ( s ) single phase 1.0 amp. glass passivated bridge rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of DB107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X